Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL16XDB120PCF Fiches technique(PDF) 54 Page - Advanced Micro Devices

No de pièce AM29DL16XDB120PCF
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL16XDB120PCF Fiches technique(HTML) 54 Page - Advanced Micro Devices

Back Button AM29DL16XDB120PCF Datasheet HTML 49Page - Advanced Micro Devices AM29DL16XDB120PCF Datasheet HTML 50Page - Advanced Micro Devices AM29DL16XDB120PCF Datasheet HTML 51Page - Advanced Micro Devices AM29DL16XDB120PCF Datasheet HTML 52Page - Advanced Micro Devices AM29DL16XDB120PCF Datasheet HTML 53Page - Advanced Micro Devices AM29DL16XDB120PCF Datasheet HTML 54Page - Advanced Micro Devices AM29DL16XDB120PCF Datasheet HTML 55Page - Advanced Micro Devices AM29DL16XDB120PCF Datasheet HTML 56Page - Advanced Micro Devices AM29DL16XDB120PCF Datasheet HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
56
Am29DL16xD
21533E5 December 1, 2006
D A TA
SH EET
PHYSICAL DIMENSIONS
VBF048—48-Ball Very Thin Profile Fine-Pitch Ball Grid Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57