| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F080B-90ED Fiches technique(PDF) 9 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-90ED Fiches technique(HTML) 9 Page - Advanced Micro Devices |
|
9 / 39 page ![]() November 1, 2006 21503G5 Am29F080B 7 D A TA SH EE T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be support- ed in volume for this device. Consult the local AMD sales of- fice to confirm availability of specific valid combinations and to check on newly released combinations. Am29F080B -55 E I TEMPERATURE RANGE C = Commercial (0 °C to +70°C) D = Commercial (0 °C to +70°C) with Pb-free package I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-free package E = Extended (–55 °C to +125°C) K = Extended (–55 °C to +125°C) with Pb-free package PACKAGE TYPE E = 40-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 040) S = 44-Pin Small Outline Package (SO 044) SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F080B 8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory 5.0 V Read, Program, and Erase Valid Combinations VCC Voltage AM29F080B-55 EC, EI, ED, SC, SI, SD, SF 5.0 V ± 5% AM29F080B-70 5.0 V ± 10% AM29F080B-90 EC, ED, EI, EF, EE, EK SC, SD, SI, SF, SE, SK AM29F080B-120 |