Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV040B Fiches technique(PDF) 35 Page - Advanced Micro Devices

No de pièce AM29LV040B
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040B Fiches technique(HTML) 35 Page - Advanced Micro Devices

Back Button AM29LV040B Datasheet HTML 29Page - Advanced Micro Devices AM29LV040B Datasheet HTML 30Page - Advanced Micro Devices AM29LV040B Datasheet HTML 31Page - Advanced Micro Devices AM29LV040B Datasheet HTML 32Page - Advanced Micro Devices AM29LV040B Datasheet HTML 33Page - Advanced Micro Devices AM29LV040B Datasheet HTML 34Page - Advanced Micro Devices AM29LV040B Datasheet HTML 35Page - Advanced Micro Devices AM29LV040B Datasheet HTML 36Page - Advanced Micro Devices AM29LV040B Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
October 11, 2006 21354E4
Am29LV040B
35
D A TA
SH EE T
PHYSICAL DIMENSIONS
PL 032—32-Pin Plastic Leaded Chip Carrier
PL 032
Dwg rev AH; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37