Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F400BB-75DPC2 Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce AM29F400BB-75DPC2
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BB-75DPC2 Fiches technique(HTML) 2 Page - Advanced Micro Devices

  AM29F400BB-75DPC2 Datasheet HTML 1Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 2Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 3Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 4Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 5Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 6Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 7Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 8Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SUPPLEMENT
Publication# 21258
Rev: E Amendment/+5
Issue Date: June 27, 2001
Am29F400B Known Good Die
4 Megabit (512 K x 8-Bit/256 K x 16-Bit)
CMOS 5.0 Volt-only, Boot Sector Flash Memory—Die Revision 2
DISTINCTIVE CHARACTERISTICS
s Single power supply operation
— 5.0 volt-only operation for read, erase, and
program operations
— Minimizes system level requirements
s Manufactured on 0.32 µm process technology
— Compatible with 0.5 µm Am29F400 device
s High performance
— Access time as fast as 70 ns
s Low power consumption (typical values at
5MHz)
— 1 µA standby mode current
— 20 mA read current (byte mode)
— 28 mA read current (word mode)
— 30 mA program/erase current
s Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
seven 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
seven 32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to prevent
any program or erase operations within that
sector
Sectors can be locked via programming
equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
s Top or bottom boot block configurations
available
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
s Minimum 1,000,000 write cycle per sector
guaranteed
s Compatibility with JEDEC standards
— Pinout and software compatible with single-
power-supply Flash
— Superior inadvertent write protection
s Data# Polling and toggle bits
— Provides a software method of detecting program
or erase operation completion
s Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
s Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
s Hardware reset pin (RESET#)
— Hardware method to reset the device to reading
array data
s 20-year data retention at 125
°C
s Tested to datasheet specifications at
temperature
— Contact AMD for higher temperature range
devices
s Quality and reliability levels equivalent to
standard packaged components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12