Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV040B Fiches technique(PDF) 34 Page - Advanced Micro Devices

No de pièce AM29LV040B
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040B Fiches technique(HTML) 34 Page - Advanced Micro Devices

Back Button AM29LV040B_06 Datasheet HTML 29Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 30Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 31Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 32Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 33Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 34Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 35Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 36Page - Advanced Micro Devices AM29LV040B_06 Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
34
Am29LV040B
21354E4 October 11, 2006
D A TA
SH EE T
PHYSICAL DIMENSIONS*
TS 032—32-Pin Standard TSOP
* For reference only. BSC is an ANSI standard for Basic Space Centering.
Dwg rev AA; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37