Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F200B Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce AM29F200B
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200B Fiches technique(HTML) 5 Page - Advanced Micro Devices

  AM29F200B Datasheet HTML 1Page - Advanced Micro Devices AM29F200B Datasheet HTML 2Page - Advanced Micro Devices AM29F200B Datasheet HTML 3Page - Advanced Micro Devices AM29F200B Datasheet HTML 4Page - Advanced Micro Devices AM29F200B Datasheet HTML 5Page - Advanced Micro Devices AM29F200B Datasheet HTML 6Page - Advanced Micro Devices AM29F200B Datasheet HTML 7Page - Advanced Micro Devices AM29F200B Datasheet HTML 8Page - Advanced Micro Devices AM29F200B Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
Am29F200B Known Good Die
SU PPL EMEN T
PAD DESCRIPTION
Note: The coordinates above are relative to the center of pad 1 and can be used to operate wire bonding equipment.
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
XY
XY
1VCC
0.00
0.00
0.0000
0.0000
2
DQ4
–6.80
0.00
–0.1727
0.0000
3
DQ12
–12.80
0.00
–0.3251
0.0000
4
DQ5
–18.60
0.00
–0.4724
0.0000
5
DQ13
–24.50
0.00
–0.6223
0.0000
6
DQ6
–30.30
0.00
–0.7696
0.0000
7
DQ14
–36.30
0.00
–0.9220
0.0000
8
DQ7
–42.10
0.00
–1.0693
0.0000
9
DQ15/A-1
–48.00
0.00
–1.2192
0.0000
10
VSS
–55.70
1.40
–1.4148
0.0356
11
BYTE#
–57.50
–6.50
–1.4605
–0.1651
12
A16
–57.50
–18.00
–1.4605
–0.4572
13
A15
–57.10
–124.90
–1.4503
–3.1725
14
A14
–51.30
–124.90
–1.3030
–3.1725
15
A13
–45.90
–124.90
–1.1659
–3.1725
16
A12
–40.00
–124.90
–1.0160
–3.1725
17
A11
–34.60
–124.90
–0.8788
–3.1725
18
A10
–28.80
–124.90
–0.7315
–3.1725
19
A9
–23.30
–124.60
–0.5918
–3.1648
20
A8
–17.40
–124.90
–0.4420
–3.1725
21
WE#
–12.00
–124.90
–0.3048
–3.1725
22
RESET#
–2.40
–128.60
–0.0610
–3.2664
23
RY/BY#
9.50
–128.60
0.2413
–3.2664
24
A7
30.30
–124.90
0.7696
–3.1725
25
A6
35.80
–124.90
0.9093
–3.1725
26
A5
41.60
–124.90
1.0566
–3.1725
27
A4
47.00
–124.90
1.1938
–3.1725
28
A3
52.90
–124.90
1.3437
–3.1725
29
A2
58.30
–124.90
1.4808
–3.1725
30
A1
64.10
–124.90
1.6281
–3.1725
31
A0
64.50
–18.00
1.6383
–0.4572
32
CE#
64.50
–6.50
1.6383
–0.1651
33
VSS
64.50
3.80
1.6383
0.0965
34
OE#
55.00
2.30
1.3970
0.0584
35
DQ0
47.40
0.00
1.2040
0.0000
36
DQ8
41.50
0.00
1.0541
0.0000
37
DQ1
35.60
0.00
0.9042
0.0000
38
DQ9
29.70
0.00
0.7544
0.0000
39
DQ2
23.90
0.00
0.6071
0.0000
40
DQ10
18.00
0.00
0.4572
0.0000
41
DQ3
12.10
0.00
0.3073
0.0000
42
DQ11
6.20
0.00
0.1575
0.0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com