Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5KP33C Fiches technique(PDF) 4 Page - UN Semiconducctor INC

No de pièce 5KP33C
Description  5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UNSEMI [UN Semiconducctor INC]
Site Internet  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP33C Fiches technique(HTML) 4 Page - UN Semiconducctor INC

  5KP33C Datasheet HTML 1Page - UN Semiconducctor INC 5KP33C Datasheet HTML 2Page - UN Semiconducctor INC 5KP33C Datasheet HTML 3Page - UN Semiconducctor INC 5KP33C Datasheet HTML 4Page - UN Semiconducctor INC 5KP33C Datasheet HTML 5Page - UN Semiconducctor INC 5KP33C Datasheet HTML 6Page - UN Semiconducctor INC 5KP33C Datasheet HTML 7Page - UN Semiconducctor INC 5KP33C Datasheet HTML 8Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
5KP Series
5.0To 440V 5000W
4/7
Electrical Characteristics (TA=25℃ unless otherwise noted) ) (Continue)
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device.
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
5KP90
5KP90A
5KP100
5KP100A
5KP110
5KP110A
5KP120
5KP120A
5KP130
5KP130A
5KP140
5KP140A
5KP150
5KP150A
5KP160
5KP160A
5KP170
5KP170A
5KP180
5KP180A
5KP190
5KP190A
5KP200A
5KP210A
5KP220A
5KP250A
5KP300A
5KP350A
5KP400A
5KP440A
5KP90C
5KP90CA
5KP100C
5KP100CA
5KP110C
5KP110CA
5KP120C
5KP120CA
5KP130C
5KP130CA
5KP140C
5KP140CA
5KP150C
5KP150CA
5KP160C
5KP160CA
5KP170C
5KP170CA
5KP180C
5KP180CA
5KP190C
5KP190CA
5KP200CA
5KP210CA
5KP220CA
5KP250CA
5KP300CA
5KP350CA
5KP400CA
5KP440CA
90.0
90.0
100.0
100.0
110.0
110.0
120.0
120.0
130.0
130.0
140.0
140.0
150.0
150.0
160.0
160.0
170.0
170.0
180.0
180.0
190.0
190.0
200.0
210.0
220.0
250.0
300.0
350.0
400.0
440.0
100.00
100.00
111.00
111.00
122.00
122.00
133.00
133.00
144.00
144.00
155.68
155.00
167.00
167.00
178.00
178.00
189.00
189.00
201.00
201.00
211.21
211.00
224.00
233.00
246.00
279.00
335.00
391.00
447.00
492.00
122.00
111.00
136.00
123.00
149.00
135.00
163.00
147.00
176.00
159.00
190.40
171.00
204.00
185.00
218.00
197.00
231.00
209.00
244.80
220.00
258.40
232.00
247.0
258.0
272.0
309.0
371.0
432.0
494.0
543.0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
5
5
5
5
5
5
5
5
160.0
146.0
179.0
162.0
196.0
177.0
193.0
231.0
209.0
250.6
268.0
243.0
287.0
259.0
304.0
275.0
322.2
291.6
340.1
307.8
258.4
232.0
324.0
349.5
356.0
405.0
486.0
567.0
648.0
713.0
31.25
34.25
27.93
30.86
25.51
28.25
23.36
25.91
21.65
23.92
19.95
22.05
18.66
20.58
17.42
19.31
16.45
18.18
15.52
17.15
14.70
16.24
15.43
14.31
14.04
12.35
10.29
8.82
7.72
7.01
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com