| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX8-7-F Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
IMX8-7-F Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 4 page ![]() DS30304 Rev. 7 - 2 2 of 4 IMX8 www.diodes.com Notes: 5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping IMX8-7-F SOT-26 3000/Tape & Reel Ordering Information (Note 5 & 6) KX8 Marking Information KX8 = Product Type Marking Code YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September Date Code Key Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D 0 50 100 25 50 75 100 125 150 175 200 T , AMBIENT TEMPERATURE (°C) A Fig. 1, Max Power Dissipation vs Ambient Temperature 150 200 250 300 350 0 Note 1 0 100 200 300 1.0 10.0 100 I COLLECTOR CURRENT (mA) C, Fig. 2 Typical DC Current Gain vs. Collector Current 400 500 600 T = 25 °C a T = -25 °C a T = 75 °C a Year 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 Code N P R S T U V W X Y Z |