Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SF1602 Fiches technique(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

No de pièce SF1602
Description  16A super fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASEMI [ASEMI TECHNOLOGY., LTD]
Site Internet  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SF1602 Fiches technique(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SF1602 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SF1602 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF1602
SF1604
SF1606
SF1608
SF1610
SF1602 THRU SF1610
175
A
10
CURRENT
16 Ampere
16A super fast recovery diode
VOLTAGE RANG
200 to 1000 Volts
2-1
www.asemi99.com
2018.11 Rev.3.1
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
NOTES :
1. Measured at 1 MHz and applied reverse voltage of 4 VDC.
2. Reverse Recovery Test Conditions : IF=0.5A, IR=1A, Irr=0.25A.
3. Both Bonding and Chip structure are available.
MECHANICAL DATA
• Case: TO-220AB Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.067 ounces, 1.89 grams.
MAXIMUM RATINGAND ELECTRICALCHARACTERISTICSS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA R AM E T E R
S Y M B O L
M aximum Re cur r ent P eak R e ve r s e Vo l t age
V
RR M
M aximum RM S Vo l t a g e
V
RM S
M aximum DC B l o c k ing Vo l t a g e
V
DC
M aximum Aver age F o r w ar d C ur r e nt at T
C =9 0
O CI
F( AV)
16
A
P eak F o r w ar d Sur g e C ur r ent , 8. 3ms sing l e ha l f si ne - w ave
super i mposed on r a t ed load
I
FS M
M aximum F o r w ar d Vo lt age at 8A
V
F
M aximum DC R e ve r s e Cur r e nt at Ra t e d D C B lo c k i ng
Vo lt age
T
J=2 5
O C
T
J=1 0 0
O C
I
R
50 0
μA
M aximum Re ve r s e R ec o ver y Ti me ( No t e 2 )
t
rr
Ty pi cal Junc t ion Capac it a nc e ( Not e 1)
C
J
62
pF
Ty pi cal T her ma l Re si st ance
R
θJC
3
O C /
W
O p er at i ng and S t or age Temp er at ur e R a nge
T
J ,T STG
- 50 t o + 150
O C
2 0 0
4 00
600
800
1000
V
1 40
280
420
560
700
V
2 0 0
4 00
600
800
1000
V
UNITS
0.95
1.3
1.5
1.7
1.9
V
35
50
ns
Suffix "CTR"
Suffix "CT"
Positive
Negative
Common Cathode
Case
Common Anode


Numéro de pièce similaire - SF1602

FabricantNo de pièceFiches techniqueDescription
logo
Gaomi Xinghe Electronic...
SF1602 GXELECTRONICS-SF1602 Datasheet
364Kb / 2P
REVERSE VOLTAGE - 50 to 600Volts FORWARD CURRENT - 16.0 Amperes
logo
Shanghai Shunye Electro...
SF1602 SHUNYE-SF1602 Datasheet
226Kb / 3P
Super Fast Recovery Rectifier Diode
V2.22
logo
PACELEADER INDUSTRIAL
SF1602CT PACELEADER-SF1602CT Datasheet
730Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1602CT YEASHIN-SF1602CT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
logo
Dongguan City Niuhang E...
SF1602CT NIUHANG-SF1602CT Datasheet
423Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
More results

Description similaire - SF1602

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SF161 DIODES-SF161 Datasheet
56Kb / 2P
16A SUPER-FAST RECOVERY RECTIFIER
DS24006 Rev. E-3
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
16A Super Fast Recovery Rectifiers
logo
Frontier Electronics.
SFF160-03 FRONTIER-SFF160-03 Datasheet
129Kb / 2P
16A SUPER FAST RECOVERY RECTIFIER
SFF160-03-LFR FRONTIER-SFF160-03-LFR Datasheet
131Kb / 2P
16A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MUR1660AC ASEMI-MUR1660AC Datasheet
279Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
MUR1660CT ASEMI-MUR1660CT Datasheet
282Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
MURF1660AC ASEMI-MURF1660AC Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
MURF1660CT ASEMI-MURF1660CT Datasheet
296Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606 ASEMI-SFF1606 Datasheet
296Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606A ASEMI-SFF1606A Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com