| Moteur de recherche de fiches techniques de composants électroniques |
|
TP37 Fiches technique(PDF) 68 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
TP37 Fiches technique(HTML) 68 Page - Siemens Semiconductor Group |
|
68 / 230 page ![]() 6-18 TP27, TP37 Equipment Manual Release 01/00 6.5 ALARM_S Messages The STEP 7 option packages S7–PDIAG and S7–GRAPH only issue ALARM_S messages. For that reason, the message number procedure ALARM_S must be used for configuring process diagnosis in ProTool as well. ALARM_S messages are not configured in ProTool but in STEP 7. When configuring messages in STEP 7 the message text and attributes entered are stored in the database shared with ProTool. During the process of compil- ing the project, ProTool automatically imports the necessary data and subse- quently downloads it to the operating unit. Shared Database Figure 6-5 Configuring and Downloading ALARM_S Messages It is therefore important that the shared database is always up to date during the compilation process and that data synchronization is active. ALARM_S messages are configured in STEP 7. The data is then stored in a shared database, imported during the process of compiling the ProTool project and finally downloaded to the operating unit. That means that ALARM_S messages use up resources on the operating unit. The shorter the messages are, the less storage space they will require. A maximum of 2000 event messages and 2000 alarm messages can be created. It is of no consequence in this regard which message procedure is used. Note In STEP 7 there are restrictions regarding the number and size of tags that can be used within a message. For more precise details, please consult your STEP 7 documentation. Incorporating ALARM_S Messages Use of Resources Messages |