Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT25LSD Fiches technique(PDF) 45 Page - Knowles Electronics

No de pièce AT25LSD
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KNOWLES [Knowles Electronics]
Site Internet  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT25LSD Fiches technique(HTML) 45 Page - Knowles Electronics

Back Button AT25LSD Datasheet HTML 41Page - Knowles Electronics AT25LSD Datasheet HTML 42Page - Knowles Electronics AT25LSD Datasheet HTML 43Page - Knowles Electronics AT25LSD Datasheet HTML 44Page - Knowles Electronics AT25LSD Datasheet HTML 45Page - Knowles Electronics AT25LSD Datasheet HTML 46Page - Knowles Electronics AT25LSD Datasheet HTML 47Page - Knowles Electronics AT25LSD Datasheet HTML 48Page - Knowles Electronics AT25LSD Datasheet HTML 49Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
www.knowlescapacitors.com
43
a Knowles Precision Devices brand
TM
VO
LTR
ONICS
4.50
.100
.190
.88
.88
.115
dia.
.012
.036
B
A
METAL (Fig.1)
Part No.
Tip A
Tip B
Capacitor Series
TT-100
.110 x .018
.070 x .012
A, E, K, KE, DRO, Glass, NT P
TT-200
.110 x .018
.032 x .088
A, E, K, KE, DRO, Glass, NT___
TT-300
.060 x .018
.070 x .012
A1, A3 P
TT-400
.060 x .018
.036 x .012
A1, A3, A2, A4
Tuning Tools
Ceramic (Fig.2)
Part No.
Tip A
Capacitor Series
TT-500
.07X.016
A1, A3, A, E, K, KE, DRO
TT-600
.10X.016
Glass, NT
TT-700
.050X.016
P
TT-900
.038X.016
A2, A4
Notes: The TT-500 thru TT-900 tuning tools are ideal for continual use. They fit into the hand with the rotatable top fixed in the palm. The tips are made of
high strength ceramic. Use these tools where metal tips affect tuning.
4.30
ROTATES TO ALLOW
FOR EASY TUNING
Ø .39
Ø .55
Ø .16
A
B
VOLTRONICS
4.50
.100
.190
.88
.88
.115 dia.
.012
.036
B
A
Tuning Tools
Fig. 1
Fig. 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60