Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9306B Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STV9306B
Description  Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9306B Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STV9306B Datasheet HTML 8Page - STMicroelectronics STV9306B Datasheet HTML 9Page - STMicroelectronics STV9306B Datasheet HTML 10Page - STMicroelectronics STV9306B Datasheet HTML 11Page - STMicroelectronics STV9306B Datasheet HTML 12Page - STMicroelectronics STV9306B Datasheet HTML 13Page - STMicroelectronics STV9306B Datasheet HTML 14Page - STMicroelectronics STV9306B Datasheet HTML 15Page - STMicroelectronics STV9306B Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15/16
STV9306B
Package Description
6
Package Description
Figure 26: 15-Pin Plastic Multiwatt Package
Dimension
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.66
0.75
0.026
0.030
G
1.02
1.27
1.52
0.040
0.050
0.060
G1
17.53
17.78
18.03
0.690
0.700
0.710
H1
19.60
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.870
0.886
L2
17.65
18.1
0.695
0.713
L3
17.25
17.50
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.63
5.08
5.53
0.182
0.200
0.218
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16