Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRSB6.8C Fiches technique(PDF) 2 Page - Protek Devices

No de pièce PRSB6.8C
Description  STANDARD TVS COMPONENTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8C Fiches technique(HTML) 2 Page - Protek Devices

  PRSB6.8C_07 Datasheet HTML 1Page - Protek Devices PRSB6.8C_07 Datasheet HTML 2Page - Protek Devices PRSB6.8C_07 Datasheet HTML 3Page - Protek Devices PRSB6.8C_07 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05224.R5 2/07
www.protekdevices.com
PRSB6.8C
PART
NUMBER
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
pF
PRSB6.8C
A
5.7
15
MAXIMUM
LEAKAGE
CURRENT
@3.5V
I
D
µA
1.0
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
4.7
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
DEVICE CHARACTERISTICS
Storage Temperature
SYMBOL
VALUE
150
°C
°C
-55 to 150
UNITS
TSTG
TA
PARAMETER
Junction Temperature
Operating Temperature
TOPR
-50 to 150
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
PPK
10
Watts
Power Dissipation
mW
150
P



Html Pages

1 2 3 4