Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PMAD Fiches technique(PDF) 3 Page - Protek Devices

No de pièce PMAD
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMAD Fiches technique(HTML) 3 Page - Protek Devices

  PMAD Datasheet HTML 1Page - Protek Devices PMAD Datasheet HTML 2Page - Protek Devices PMAD Datasheet HTML 3Page - Protek Devices PMAD Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PMAD SERIES
3
05093.R8 2/07
www.protekdevices.com
PIN CONFIGURATIONS
2
3
5
7
8
9
11
12
1
14
16 DIODE ARRAY
NC PINS 4, 6, 10 & 13
8 LINES OF PROTECTION
PMAD1103
2
3
5
7
8
9
11
12
14
PMAD1106
8 DIODE COMMON ANODE ARRAY
NC PIN 1, 4, 6, 10 & 13
8 LINES OF PROTECTION
7
654
3
21
8
9
10
11
12
13
14
7 ISOLATED DIODE ARRAY
(INDEPENDENT)
7 LINES OF PROTECTION
PMAD1109
2
3
5
7
8
9
11
12
14
8 DIODE COMMON CATHODE ARRAY
NC PINS 1, 4, 6, 10 & 13
8 LINES OF PROTECTION
PMAD1105



Html Pages

1 2 3 4