Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DG412 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce DG412
Description  Monolithic Quad SPST, CMOS Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG412 Fiches technique(HTML) 2 Page - Intersil Corporation

  DG412 Datasheet HTML 1Page - Intersil Corporation DG412 Datasheet HTML 2Page - Intersil Corporation DG412 Datasheet HTML 3Page - Intersil Corporation DG412 Datasheet HTML 4Page - Intersil Corporation DG412 Datasheet HTML 5Page - Intersil Corporation DG412 Datasheet HTML 6Page - Intersil Corporation DG412 Datasheet HTML 7Page - Intersil Corporation DG412 Datasheet HTML 8Page - Intersil Corporation DG412 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN3282.12
November 27, 2006
Pinout
DG411, DG412, DG413
(16 LD PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
DG411DJ
DG411DJ
-40 to +85
16 Ld PDIP
E16.3
DG411DJZ (Note)
DG411DJZ
-40 to +85
16 Ld PDIP** (Pb-free)
E16.3
DG411DY*
DG411DY
-40 to +85
16 Ld SOIC
M16.15
DG411DYZ* (Note)
DG411DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG411DVZ* (Note)
DG411 DVZ
-40 to +85
16 Ld TSSOP (Pb-free)
M16.173
DG412DJ
DG412DJ
-40 to +85
16 Ld PDIP
E16.3
DG412DJZ (Note)
DG412DJZ
-40 to +85
16 Ld PDIP** (Pb-free)
E16.3
DG412DY*
DG412DY
-40 to +85
16 Ld SOIC
M16.15
DG412DYZ* (Note)
DG412DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG412DVZ* (Note)
DG412 DVZ
-40 to +85
16 Ld TSSOP (Pb-free)
M16.173
DG413DJ
DG413DJ
-40 to +85
16 Ld PDIP
E16.3
DG413DJZ (Note)
DG413DJZ
-40 to +85
16 Ld PDIP** (Pb-free)
E16.3
DG413DY*
DG413DY
-40 to +85
16 Ld SOIC
M16.15
DG413DYZ* (Note)
DG413DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG413DVZ* (Note)
DG413 DVZ
-40 to +85
16 Ld TSSOP (Pb-free)
M16.173
*Add “-T” suffix for tape and reel.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
TRUTH TABLE
LOGIC
DG411
DG412
DG413
SWITCH
SWITCH
SWITCH
1, 4
SWITCH
2, 3
0On
Off
Off
On
1
Off
On
On
Off
NOTE: Logic “0”
≤0.8V. Logic “1” ≥2.4V.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
D1
S1
V-
GND
S4
IN4
D4
IN2
S2
V+
VL
S3
D3
IN3
D2
Pin Descriptions
PIN
SYMBOL
DESCRIPTION
1IN1
Logic Control for Switch 1.
2D1
Drain (Output) Terminal for Switch 1.
3S1
Source (Input) Terminal for Switch 1.
4
V-
Negative Power Supply Terminal.
5
GND
Ground Terminal (Logic Common).
6S4
Source (Input) Terminal for Switch 4.
7D4
Drain (Output) Terminal for Switch 4.
8IN4
Logic Control for Switch 4.
9IN3
Logic Control for Switch 3.
10
D3
Drain (Output) Terminal for Switch 3.
11
S3
Source (Input) Terminal for Switch 3.
12
VL
Logic Reference Voltage.
13
V+
Positive Power Supply Terminal (Substrate).
14
S2
Source (Input) Terminal for Switch 2.
15
D2
Drain (Output) Terminal for Switch 2.
16
IN2
Logic Control for Switch 2.
DG411, DG412, DG413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com