Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D1028AN9CPGRK-U Fiches technique(PDF) 1 Page - Kingston Technology Far East Co. Ltd

No de pièce D1028AN9CPGRK-U
Description  8G bits DDR4 SDRAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGSTON [Kingston Technology Far East Co. Ltd]
Site Internet  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

D1028AN9CPGRK-U Fiches technique(HTML) 1 Page - Kingston Technology Far East Co. Ltd

  D1028AN9CPGRK-U Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd D1028AN9CPGRK-U Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd D1028AN9CPGRK-U Datasheet HTML 3Page - Kingston Technology Far East Co. Ltd D1028AN9CPGRK-U Datasheet HTML 4Page - Kingston Technology Far East Co. Ltd D1028AN9CPGRK-U Datasheet HTML 5Page - Kingston Technology Far East Co. Ltd D1028AN9CPGRK-U Datasheet HTML 6Page - Kingston Technology Far East Co. Ltd D1028AN9CPGRK-U Datasheet HTML 7Page - Kingston Technology Far East Co. Ltd D1028AN9CPGRK-U Datasheet HTML 8Page - Kingston Technology Far East Co. Ltd D1028AN9CPGRK-U Datasheet HTML 9Page - Kingston Technology Far East Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
. ................................................................................. Document No. 4809540F-01F
DATASHEET
8G bits DDR4 SDRAM
D1028AN9CPGRK-U
(1024M words x 8 bits)
D1028AN9CPGXN-U
(1024M words x 8 bits)
D1028AN9CPGXNI-U
(1024M words x 8 bits)
D5116AN9CXGRK-U
(512M words x 16 bits)
D5116AN9CXGXN-U
(512M words x 16 bits)
D5116AN9CXGXNI-U
(512M words x 16 bits)
Specifications
•Density: 8G bits
•Organization
-64M words x 8 bits x 16 banks
-64M words x 16 bits x 8 banks
•Package
-78-ball FBGA
-96-ball FBGA
- Lead-free
- Halogen-free
•Power supply (JEDEC standard 1.2V)
- VDD = 1.2V
 0.06V
- VPP = 2.5V +0.25V / -0.125V
•Data rate
- 3200/2666Mbps
•16 or 8 internal banks
- 16 banks (4 banks x 4 bank groups) for x8 product
- 8 banks (4 banks x 2 bank groups) for x16 product
•Interface: Pseudo Open Drain (POD)
•Burst Length (BL): 8 and 4 with Burst Chop (BC)
•CAS Latency (CL): 11, 13, 15, 17, 18, 19, 20, 22
(18 is only for Read DBI)
•CAS Write Latency (CWL): 9, 10, 11, 12, 14, 16, 18
•Precharge: auto precharge option for each burst access
•Refresh: auto-refresh, self-refresh
•Refresh cycles
Average refresh period
7.8
s at 0C  TC-Commercial Temperature  +85C
7.8
s at -40C  TC-Industrial Temperature  +85C
3.9
s at +85C < TC  +95C
•Operating case temperature range
- 0
C to +95C (Commercial Temperature)
- -40
C to +95C (Industrial Temperature)
Features
• Double-data-rate architecture: two data transfers per clock cycle.
• The high-speed data transfer is realized by the 8 bits prefetch
pipelined architecture.
• Bi-directional differential data strobe (DQS and /DQS) is
transmitted/received with data for capturing data at the receiver.
• DQS is edge-aligned with data for READs; center- aligned with
data for WRITEs.
• Differential clock inputs (CK_t and CK_c).
• DLL aligns DQ and DQS transitions with CK transitions.
• Data mask (DM) write data-in at the both rising and falling edges of
the data strobe.
• Write Cycle Redundancy Code (CRC) is supported.
• Programmable preamble for read and write is supported.
• Programmable burst length 4/8 with both nibble sequential and
interleave mode.
• BL switch on the fly.
• Driver strength selected by MRS.
• Dynamic On Die Termination supported.
• Two Termination States such as RTT_PARK and RTT_NOM
switchable by ODT pin.
• Asynchronous RESET pin supported.
• ZQ calibration supported.
• Write Levelization supported.
• This product in compliance with the RoHS directive.
• Internal Vref DQ level generation is available.
• TCAR(Temperature Controlled Auto Refresh) mode is supported.
• LP ASR(Low Power Auto Self Refresh) mode is supported.
• Command Address (CA) Parity (command/address) mode is
supported.
• Per DRAM Addressability (PDA).
• Fine granularity refresh is supported.
• Geardown Mode(1/2 rate, 1/4 rate) is supported.
• Self Refresh Abort is supported.
• Maximum power saving mode is supported.
• Banks Grouping is applied, and CAS to CAS latency(tCCD_L,
tCCD_S) for the banks in the same or different bank group accesses
are available.
• DMI pin support for write data masking and DBIdc functionality.
1


Numéro de pièce similaire - D1028AN9CPGRK-U

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
D1028 SEME-LAB-D1028 Datasheet
126Kb / 7P
METAL GATE RF SILICON FET
D1028UK SEME-LAB-D1028UK Datasheet
126Kb / 7P
METAL GATE RF SILICON FET
More results

Description similaire - D1028AN9CPGRK-U

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
128M bits SDRAM 128M bits SDRAM
EDJ8216E5MB ELPIDA-EDJ8216E5MB Datasheet
1Mb / 142P
8G bits DDR3L SDRAM, DDP
EDJ8232B5MB ELPIDA-EDJ8232B5MB Datasheet
1Mb / 142P
8G bits DDR3 SDRAM, DDP
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
8G bits DDR3L SDRAM, DDP
logo
Micron Technology
EDY4016AABG-JD-F MICRON-EDY4016AABG-JD-F Datasheet
10Mb / 356P
DDR4 SDRAM
MT40A256M16GE-075EAIT MICRON-MT40A256M16GE-075EAIT Datasheet
11Mb / 359P
Automotive DDR4 SDRAM
MT40A512M8RH-075E MICRON-MT40A512M8RH-075E Datasheet
10Mb / 365P
DDR4 SDRAM
MTA8ATF1G64HZ MICRON-MTA8ATF1G64HZ Datasheet
449Kb / 24P
DDR4 SDRAM SODIMM
logo
List of Unclassifed Man...
H5ANAG8NCMR-XXC ETC-H5ANAG8NCMR-XXC Datasheet
655Kb / 43P
16Gb DDR4 SDRAM
Rev. 1.0
logo
Samsung semiconductor
K4A4G165WF-BCWE SAMSUNG-K4A4G165WF-BCWE Datasheet
961Kb / 23P
DDR4 SDRAM Memory
May. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com