| Moteur de recherche de fiches techniques de composants électroniques |
|
BAV16WS Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAV16WS Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. DS30097 Rev. 10 - 2 2 of 3 1N4148WS / BAV16WS www.diodes.com 0 100 0 25 50 75 125 100 150 T , AMBIENT TEMPERATURE ( °C) A Fig. 1 Power Derating Curve 300 200 0.1 1 0.01 0.001 0 1.5 1.0 0.5 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 2 Forward Characteristics T = -40ºC A T = 150ºC A T = 75ºC A T = 25ºC A T = 0ºC A XX = Product Type Marking Code, See Page 1 XX Marking Information Device Packaging Shipping 1N4148WS-7-F SOD-323 3000/Tape & Reel BAV16WS-7-F SOD-323 3000/Tape & Reel Ordering Information (Note 4) 0.1 1 10 100 1000 10000 0 20 40 60 80 100 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 3 Typical Reverse Characteristics T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T = 150ºC A T = 0ºC A 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 V , REVERSE VOLTAGE (V) R Fig. 4 Typical Capacitance vs. Reverse Voltage f = 1.0MHz |