| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBT3906 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
MMBT3906 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 4 page ![]() DS30059 Rev. 13 - 2 2 of 4 MMBT3906 www.diodes.com Electrical Characteristics @ TA = 25°C unless otherwise specified Characteristic Symbol Min Max Unit Test Condition OFF CHARACTERISTICS (Note 3) Collector-Base Breakdown Voltage V(BR)CBO -40 ¾ V IC = -10mA, IE = 0 Collector-Emitter Breakdown Voltage V(BR)CEO -40 ¾ V IC = -1.0mA, IB = 0 Emitter-Base Breakdown Voltage V(BR)EBO -5.0 ¾ V IE = -10mA, IC = 0 Collector Cutoff Current ICEX ¾ -50 nA VCE = -30V, VEB(OFF) = -3.0V ICBO ¾ -50 nA VCB = -30V, IE = 0 Base Cutoff Current IBL ¾ -50 nA VCE = -30V, VEB(OFF) = -3.0V ON CHARACTERISTICS (Note 3) DC Current Gain hFE 60 80 100 60 30 ¾ ¾ 300 ¾ ¾ ¾ IC = -100µA, VCE = -1.0V IC = -1.0mA, VCE = -1.0V IC = -10mA, VCE = -1.0V IC = -50mA, VCE = -1.0V IC = -100mA, VCE = -1.0V Collector-Emitter Saturation Voltage VCE(SAT) ¾ -0.25 -0.40 V IC = -10mA, IB = -1.0mA IC = -50mA, IB = -5.0mA Base-Emitter Saturation Voltage VBE(SAT) -0.65 ¾ -0.85 -0.95 V IC = -10mA, IB = -1.0mA IC = -50mA, IB = -5.0mA SMALL SIGNAL CHARACTERISTICS Output Capacitance Cobo ¾ 4.5 pF VCB = -5.0V, f = 1.0MHz, IE = 0 Input Capacitance Cibo ¾ 10 pF VEB = -0.5V, f = 1.0MHz, IC = 0 Input Impedance hie 2.0 12 kW VCE = 10V, IC = 1.0mA, f = 1.0kHz Voltage Feedback Ratio hre 0.1 10 x 10-4 Small Signal Current Gain hfe 100 400 ¾ Output Admittance hoe 3.0 60 m S Current Gain-Bandwidth Product fT 250 ¾ MHz VCE = -20V, IC = -10mA, f = 100MHz Noise Figure NF ¾ 4.0 dB VCE = -5.0V, IC = -100mA, RS = 1.0kW, f = 1.0kHz SWITCHING CHARACTERISTICS Delay Time td ¾ 35 ns VCC = -3.0V, IC = -10mA, VBE(off) = 0.5V, IB1 = -1.0mA Rise Time tr ¾ 35 ns Storage Time ts ¾ 225 ns VCC = -3.0V, IC = -10mA, IB1 = IB2 = -1.0mA Fall Time tf ¾ 75 ns Notes: 3. Short duration test pulse used to minimize self-heating effect. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. K3N K3N = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September Marking Information Ordering Information Device Packaging Shipping MMBT3906 -7-F SOT-23 3000/Tape & Reel Date Code Key Month Jan Feb March Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D (Note 4) Year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 Code J K L M N P R S T U V W |