| Moteur de recherche de fiches techniques de composants électroniques |
|
AD10YV103C500A Fiches technique(PDF) 2 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
AD10YV103C500A Fiches technique(HTML) 2 Page - RFE international |
|
2 / 3 page ![]() MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded RoHS 2022.05.31 C1BD04 DIMENSIONS ELECTRICAL CHARACTERISTICS ENVIRONMENTAL AND TEST CHARACTERISTICS Strength of termination Solderability of leads Measuring Condition Lead wire to be soldered vertically up to the coating end point. At least 75% of lead surface is covered Specification Parameter Solder temperature: 260 ± 5°C Dipping: 2 ± 0.5 sec. (containing Ag 2~5%) (Flux shall be used) Force : 4 LB min. Keep time : 10±1 sec. Termination not to be broken or loosened Page 2 of 3 Withstanding Voltage Insulation Resistance Dissipation Factor (tanδ) Shall be measured at 25°C ± 2°C at the frequency and voltage X7R/X5R/Y5V @ 1Hz 1Hz ± 10%, 1±0.2Vrms Z5U @ ± 10%, 0.5±0.2Vrms No defects Apply rated voltage for 1 minute at 25°C ± 2°C and 70% R.H. max Applied voltage: Rated veltage X 2.5 100V~500V Rated voltage (over) X 1.5 Duration: 1 to 5 sec. The charge/discharge current is less than 50mA Parameter Measuring Condition More than 10G Ω or 500M whichever is less 16Vdc product : More than 10G Ω or 100M whichever is less Ω μF Ω μF 16Vdc product : Measurement voltage is 25Vdc X7R= 0.03max X7R= 0.055max.C ≥ 1.0uF) Y5V= 0.075max Z5U= 0.09max 25V min 16V X7R/X5R=0.05max. Y5V= 0.10max 10V max X7R/X5R=0.05max. Y5V= 0.125max 6.3V X5R= 0.075max With the specified tolerance Specification Capacitance • • Tape Specification Symbol Dimension (mm) Pitch of component P 5.08±0.51 Culmulative Tolerance of P Over 6 Consecutive Units ±0.15 Tape Width Wt 6.0±1.0 Lead Wire Protrusion Le 1.0 max Lead Extension into Tape Li 1.5 max Offset Between Tapes ΔT 0.8 max Width Between Tapes Wt 52.4±1.5 Lead Diameter d 0.483 Centered C ±0.76 Deflection from Nominal Position Δh 1.2 max |