Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT2MOA3S20/E/3 Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce HT2MOA3S20/E/3
Description  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/3 Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/3 Datasheet HTML 14Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 15Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 16Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 17Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 18Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 19Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 20Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 21Page - NXP Semiconductors HT2MOA3S20/E/3 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc /HS
Page 21 of 22
Definitions
Data sheet status
Objective specification
This data sheet conta ins ta rget o r goal spec ifications for product deve lopment.
Preliminary specification This data sheet conta ins p reliminary data; supp lementa ry data may be
pub lished later.
Product spec ificat ion
This data sheet conta ins final product spec ificat ions.
Limiting values
Limiting va lues g iven a re in acco rdance with the Abso lute Maximum Rating Syste m (IEC 134).
Stress above one o r more of the limiting va lues may cause pe rmanent da mage to the dev ice.
These a re st ress ratings on ly and ope ration of the dev ice at these o r at any othe r cond itions
above those g iven in the Characte rist ics sect ion of the spec ificat ion is not implied. Exposu re to
limiting va lues for extended pe riods may aff ect dev ice reliab
ility.
Application information
Where app licat ion information is g iven, it is adv iso ry and does not form part of the spec ificat ion.
Life support applications
These products are not designed for use in life support appliances, devices, or systems where
malfunction of these products can reasonably be expected to result in personal injury. Philips
Semiconductors´ customers using or selling these products for use in such applications do so on
their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from
such improper use or sale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22