Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT1MOA3S30/E/3 Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 15Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 16Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 17Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 18Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 19Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 20Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 21Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 22Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 19 of 24
6 Quality Inspection
Quality inspection is performed with statistical quality control according to ISO 2859 part 1, with
AQL1.0.
Optical Properties
scratches,
encapsulation failures,
gold discolouration,
delamination
according to the reference sample
catalogue
Geometrical Properies width
measured with gauge
length
measured with gauge
overall thickness
measured with micrometer at the center of
the glob top
Electrical Properties
operation
basic read/write operations
Shipment Quantity
Packing and Labeling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24