| Moteur de recherche de fiches techniques de composants électroniques |
|
TPS25751D Fiches technique(PDF) 75 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS25751D Fiches technique(HTML) 75 Page - Texas Instruments |
|
75 / 89 page ![]() 11 Revision History NOTE: Page numbers for previous revisions may differ from page numbers in the current version. DATE REVISION NOTES October 2023 * Advance Information 12 Mechanical, Packaging, and Orderable Information The following pages include mechanical, packaging, and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. 12.1 Tape and Reel Information Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Reel Diameter User Direction of Feed P1 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TPS25751SRSMR VQFN RSM 32 3000 330.0 12.4 4.3 6.3 1.1 8.0 12.0 2 TPS25751DREFR WQFN REF 38 3000 330.0 12.4 4.3 6.3 1.1 8.0 12.0 2 www.ti.com TPS25751 SLVSH93 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 75 Product Folder Links: TPS25751 |