| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS20 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAS20 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS12004 Rev. 18 - 2 2 of 3 BAS19 / BAS20 / BAS21 www.diodes.com 0.001 0.01 0.1 1 0 0.4 0.2 0. 6 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 1 Typical Forward Characteristics 0.8 1.2 1.0 1.4 T = 0ºC A T = 150ºC A T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A 0.0001 0.01 0.001 0.1 1 10 100 0 50 100 200 150 250 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 2 Typical Reverse Characteristics T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T = 150ºC A T = 0ºC A 0.0 0.5 1.0 1.5 3.5 3.0 2.5 2.0 4.0 0 10 20 40 30 V , REVERSE VOLTAGE (V) R Fig. 3 Typical Capacitance vs. Reverse Voltage f = 1.0MHz 0 120 160 200 250 200 150 50 40 80 100 0 T , AMBIENT TEMPERATURE ( °C) A Fig. 4 Power Derating Curve, Total Package Note 1 |