| Moteur de recherche de fiches techniques de composants électroniques |
|
AP2004SL-13 Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP2004SL-13 Fiches technique(HTML) 3 Page - Diodes Incorporated |
|
3 / 8 page ![]() AP2004 PWM BUCK CONTROLLER AP2004 Rev. 2 3 of 8 DECEMBER 2006 www.diodes.com © Diodes Incorporated Absolute Maximum Ratings Symbol Parameter Rating Unit PD Power dissipation at 25 °C 600 mW VCC Supply voltage 28 V VI Amplifier input voltage 20 V VO Collector output voltage VCC-1.0V V ISOURCE Source current 200 mA ISINK Sink current 200 mA TOP Operating junction temperature range -20 to +85 oC TST Storage temperature range -65 to +150 oC Recommended Operating Conditions Symbol Parameter Min. Max. Unit VCC Supply voltage 3.6 27 V VI Amplifier input voltage 1.05 1.45 V VO Collector output voltage Vcc-1.5 V IFB Current into feedback terminal 45 µA RF Feedback resistor 100 kΩ CT Timing capacitor 100 6800 pF FOSC Oscillator frequency 10 300 KHz |