Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP431ASAL-7 Fiches technique(PDF) 11 Page - Diodes Incorporated

No de pièce AP431ASAL-7
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431ASAL-7 Fiches technique(HTML) 11 Page - Diodes Incorporated

Back Button AP431ASAL-7 Datasheet HTML 6Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 7Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 8Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 9Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 10Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 11Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 12Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 13Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
11 of 14
MARCH 2007
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOT23(R)/SOT25/SC59
SOT23(R)/ SOT25/SC59
:
(Top View)
XX Y M X
Marking Code
Y
Year
M : Month (A~L)
X : L : Lead Free
G : Green
(2) SOP-8L
SOP-8L
YY : Year
WW : Nth week
AP431 X
(Top view)
YY WW
Part Number
Logo
X
L : Lead-Free Package
G : Green
5
8
4
1
Accuracy
Blank: 2.495±1%
A: 2.495±0.5%
(3) TO92-3L
TO92-3L
(Top View)
AP431
X Y WW X X
Accuracy
Blank: 2.495 + 1%
A: 2.495 + 0.5%
X : Internal code
WW :Nth week
Y : Year
L : Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com