Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HEF4528BF Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce HEF4528BF
Description  Dual monostable multivibrator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4528BF Fiches technique(HTML) 8 Page - NXP Semiconductors

  HEF4528BF Datasheet HTML 1Page - NXP Semiconductors HEF4528BF Datasheet HTML 2Page - NXP Semiconductors HEF4528BF Datasheet HTML 3Page - NXP Semiconductors HEF4528BF Datasheet HTML 4Page - NXP Semiconductors HEF4528BF Datasheet HTML 5Page - NXP Semiconductors HEF4528BF Datasheet HTML 6Page - NXP Semiconductors HEF4528BF Datasheet HTML 7Page - NXP Semiconductors HEF4528BF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
January 1995
8
Philips Semiconductors
Product specification
Dual monostable multivibrator
HEF4528B
MSI
APPLICATION INFORMATION
An example of an application for the HEF4528B is:
• Non-retriggerable monostable multivibrator
Fig.5
Waveforms showing minimum I0, I1 and O pulse widths, set-up and recovery times. Set-up and recovery
times are shown as positive values but may be specified as negative values.
Fig.6
Two examples for a non-retriggerable monostable multivibrator using half of HEF4528B (LOW to HIGH
and HIGH to LOW triggered).



Html Pages

1 2 3 4 5 6 7 8