| Moteur de recherche de fiches techniques de composants électroniques |
|
AP358 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP358 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 15 page ![]() AP358 LOW POWER DUAL OPERATIONAL AMPLIFIERS AP358 Rev. 4 2 of 15 OCTOBER 2006 www.diodes.com © Diodes Incorporated • In the linear mode the input common-mode voltage range includes ground and the output voltage can also swing to ground, even though operated from only a single power supply voltage. • The unity gain cross frequency is temperature compensated. • The input bias current is also temperature compensate Pin Assignment SOP-8L 1 2 3 45 6 7 8 (Top View) INVERTING INPUT 1 GND AP358 NON-INVERTING INPUT 1 OUTPUT 2 OUTPUT 1 V+ INVERTING INPUT 2 NON-INVERTING INPUT 2 PDIP-8L 1 2 3 45 6 7 8 (Top View) INVERTING INPUT 1 GND AP358 NON-INVERTING INPUT 1 OUTPUT 2 OUTPUT 1 V+ INVERTING INPUT 2 NON-INVERTING INPUT 2 Block Diagram INVERTING INPUT 1 GND NON-INVERTING INPUT 1 OUTPUT 2 OUTPUT 1 INVERTING INPUT 2 NON-INVERTING INPUT 2 1 2 3 4 5 6 7 8 AB + -+ - V + Unique Characteristics |