Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NET2270 Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers

No de pièce NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 10Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 11Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
14
1.5
Terminology
Byte. 8-bit quantity of data.
Word. 16-bit quantity of data.
Scalar. Multi-byte data element.
Local Transaction. A read or write operation on the local bus. It includes an address phase followed by one data
transfer.
Local Transfer. During a transfer, data is moved from the source to the destination on the local bus.
Clock cycle. One period of the internal 60 MHz clock.
Big Endian. The most significant byte in a scalar is located at address 0.
Little Endian. The least significant byte in a scalar is located at address 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90