| Moteur de recherche de fiches techniques de composants électroniques |
|
IP80C88 Fiches technique(PDF) 18 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
IP80C88 Fiches technique(HTML) 18 Page - Intersil Corporation |
|
18 / 32 page ![]() 18 Waveforms FIGURE 22. BUS TIMING - MINIMUM MODE SYSTEM NOTES: 9. RDY is sampled near the end of T2, T3, TW to determine if TW machine states are to be inserted. 10. Signals at 82C84A are shown for reference only. TCVCTX (31) (29) TCVCTV DEN DT/R (30) TCHCTV TCLRL (33) (30) TCHCTV READ CYCLE (35) (34) TCLRH RD DATA IN (7) TCLDX1 (10) TRYHCH AD7-AD0 (24) (17) TCLAV READY (80C88 INPUT) RDY (82C84A INPUT) SEE NOTE 9, 10 ALE A19/S6-A16/S3 (17) TCLAV IO/M, SSO (30) TCHCTV CLK (82C84A OUTPUT) (3) TCHCL TCH1CH2 (4) (2) TCLCH TCHCTV (30) (5) TCL2CL1 T1 T2 T3 TW T4 (WR, INTA = VOH) (1) TCLCL (26) TCLDV (18) TCLAX A19-A16 (23) TCLLH TLHLL (22) TLLAX (25) TCHLL TAVAL (39) VIL VIH (12) TRYLCL (11) TCHRYX (19) TCLAZ (16) TDVCL AD7-AD0 TRHAV (32) TAZRL TRLRH (37) TCLR1X (9) TR1VCL (8) S6-S3 (17) TCLAV A15-A8 A15-A8 (FLOAT DURING INTA) 80C88 |