| Moteur de recherche de fiches techniques de composants électroniques |
|
REF02AJ/883C Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF02AJ/883C Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() REF02 Rev. I | Page 12 of 16 PRECISION CURRENT SOURCE A current source with 35 V output compliance and excellent output impedance can be obtained using this circuit. REF02 keeps the line voltage and power dissipation constant in the device; the only important error consideration at room temperature is the negative supply rejection of the op amp. The typical 3 µV/V PSRR of the OP02E creates a 20 ppm change (3 µV/V × 35 V/5 V) in output current over a 25 V range. For example, a 5 mA current source can be built (R = 1 kΩ) with 350 MΩ output impedance. GND REF02 GND REF02 OP02E C C R 2 2 2 6 6 7 3 4 6 4 4 +50V –5V IO = 5V R RO = 35V 20 ×10–6 × 5mA R (TRIM FOR CALIBRATION) VIN VO VIN VO VO = 0V TO 25V 1 2 Figure 22. Precision Current Source VIN GND TRIM VO REF02 2 6 5 4 R TEMP 3 15V IOUT IOUT = + 5V R + 1mA VOLTAGE COMPLIANCE: –25V TO +8V Figure 23. Current Source SUPPLY BYPASSING For best results, it is recommended that the power supply pin be bypassed with a 0.1 µF disc ceramic capacitor. VIN GND TRIM VO REF02 2 6 5 4 R TEMP 3 –15V IOUT IOUT = + 5V R + 1mA VOLTAGE COMPLIANCE: –9V TO +25V Figure 24. Current Sink REF02 DAC08 OP02 0.1 µF +15V 4 6 5 5k Ω 5k Ω 5k Ω 5k Ω +15V –15V –15V +15V EO LSB MSB 2 B1 B2 B3 B4 B5 B6 B7 B8 V+ V– CC VLC 2 4 VIN V O GND lO lO Figure 25. DAC Reference GND REF02HJ 2 6 4 A1 –7.5V +7.5V A2 –7.5V 1/2 OP04CK 1/2 OP04CK –7.5V ( ±10%) +7.5V ( ±10%) R3 1k Ω R1 20k Ω R2 13.3k Ω VO(–) = –3V VO(+) = +3V R4 2k Ω VIN VO Figure 26. ±3 V Reference |