| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9545ADGVT Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCA9545ADGVT Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 28 page ![]() www.ti.com Interrupt and Reset Timing Requirements PCA9545A 4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS SCPS147C – OCTOBER 2005 – REVISED OCTOBER 2006 over recommended operating free-air temperature range (unless otherwise noted) (see Figure 12) PARAMETER MIN MAX UNIT tPWRL Low-level pulse duration rejection of INTn inputs 1 µs tPWRH High-level pulse duration rejection of INTn inputs 0.5 µs tWL Pulse duration, RESET low 6 ns trst(1) RESET time (SDA clear) 500 ns tREC(STA) Recovery time from RESET to start 0 ns (1) trst is the propagation delay measured from the time the RESET pin is first asserted low to the time the SDA pin is asserted high, signaling a stop condition. It must be a minimum of tWL. 13 Submit Documentation Feedback |