| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP601-E/P Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP601-E/P Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 28 page ![]() MCP601/2/3/4 DS21314F-page 6 2004 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2, RL = 100 kΩ to VDD/2, VOUT ≈ VDD/2 and CL = 50 pF. FIGURE 2-7: Input Offset Voltage. FIGURE 2-8: Input Offset Voltage vs. Temperature. FIGURE 2-9: Input Offset Voltage vs. Common Mode Input Voltage with VDD = 2.7V. FIGURE 2-10: Input Offset Voltage Drift. FIGURE 2-11: CMRR, PSRR vs. Temperature. FIGURE 2-12: Input Offset Voltage vs. Common Mode Input Voltage with VDD = 5.5V. 0% 2% 4% 6% 8% 10% 12% 14% 16% -2.0 -1.6 -1.2 -0.8 -0.4 0.0 0.4 0.8 1.2 1.6 2.0 Input Offset Voltage (mV) 1200 Samples -0.5 -0.4 -0.3 -0.2 -0.1 0.0 0.1 0.2 0.3 0.4 0.5 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) VDD = 2.7V VDD = 5.5V -200 -100 0 100 200 300 400 500 600 700 800 -0.5 0.0 0.5 1.0 1.5 2.0 Common Mode Input Voltage (V) VDD = 2.7V TA = -40°C TA = +25°C TA = +85°C TA = +125°C TA = +125°C 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% -10 -8 -6 -4 -2 0 2 4 6 8 10 Input Offset Voltage Drift (µV/°C) 1200 Samples TA = -40 to +125°C 75 80 85 90 95 100 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) PSRR CMRR -200 -100 0 100 200 300 400 500 600 700 800 Common Mode Input Voltage (V) TA = -40°C TA = +25°C TA = +85°C TA = +125°C VDD = 5.5V TA = +125°C |