| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF51802-QCAA-R7 Fiches technique(PDF) 57 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF51802-QCAA-R7 Fiches technique(HTML) 57 Page - Nordic Semiconductor |
|
57 / 85 page ![]() Page 57 nRF51802 Product Specification v1.2 8.13 Timer (TIMER) specifications Table 50 Timer specifications 8.14 Real Time Counter (RTC) Table 51 RTC 8.15 Temperature sensor (TEMP) Note: HFCLK XOSC is required to get the stated accuracy. Table 52 Temperature sensor Symbol Description Note Min. Typ. Max. Units Test level ITIMER0/1/2 Timer current when running from HFCLK in 16 MHz mode. 30 μA 1 ITIMER0/1/2,1M Timer current when running from HFCLK in 1 MHz mode. 4 μA 1 tTIMER,START Time from START task is given until timer starts counting. 0.25 μs 1 Symbol Description Min. Typ. Max. Units Test level IRTC Timer (LFCLK source). 0.1 μA 1 Symbol Description Min. Typ. Max. Units Test level ITEMP Run current for Temperature sensor. 185 μA 1 tTEMP Time required for temperature measurement. 35 μs 1 TRANGE Temperature sensor range. -40 85 °C N/A TACC Temperature sensor accuracy.1 1. Stated temperature accuracy is valid in the range 0 to 60 °C. Temperature accuracy outside the 0 to 60°C range is ± 8°C. -4 +4 °C N/A TRES Temperature sensor resolution. 0.25 °C 1 |