| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC080 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC080 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 48 page ![]() TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254E − JUNE 1999 − REVISED APRIL 2006 2 WWW.TI.COM TLC080 and TLC081 AVAILABLE OPTIONS PACKAGED DEVICES TA SMALL OUTLINE † SMALL OUTLINE † SYMBOL PLASTIC DIP TA SMALL OUTLINE (D)† SMALL OUTLINE (DGN)† SYMBOL PLASTIC DIP (P) 0 °C to 70°C TLC080CD TLC081CD TLC080CDGN TLC081CDGN xxTIACW xxTIACY TLC080CP TLC081CP −40 °C to 125°C TLC080ID TLC081ID TLC080IDGN TLC081IDGN xxTIACX xxTIACZ TLC080IP TLC081IP −40 °C to 125°C TLC080AID TLC081AID — — — — TLC080AIP TLC081AIP † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC080CDR). TLC082 and TLC083 AVAILABLE OPTIONS PACKAGED DEVICES TA SMALL OUTLINE MSOP PLASTIC DIP PLASTIC DIP TA OUTLINE (D)† (DGN)† SYMBOL‡ (DGQ)† SYMBOL‡ DIP (N) DIP (P) 0 °C to 70°C TLC082CD TLC083CD TLC082CDGN — xxTIADZ — — TLC083CDGQ — xxTIAEB — TLC083CN TLC082CP — −40 °C to 125°C TLC082ID TLC083ID TLC082IDGN — xxTIAEA — — TLC083IDGQ — xxTIAEC — TLC083IN TLC082IP — −40 °C to 125°C TLC082AID TLC083AID — — — — — — — — — TLC083AIN TLC082AIP — † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC082CDR). ‡ xx represents the device date code. TLC084 and TLC085 AVAILABLE OPTIONS PACKAGED DEVICES TA SMALL OUTLINE (D)† PLASTIC DIP (N) TSSOP (PWP)† 0 °C to 70°C TLC084CD TLC085CD TLC084CN TLC085CN TLC084CPWP TLC085CPWP −40 °C to 125°C TLC084ID TLC085ID TLC084IN TLC085IN TLC084IPWP TLC085IPWP −40 °C to 125°C TLC084AID TLC085AID TLC084AIN TLC085AIN TLC084AIPWP TLC085AIPWP † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC084CDR). For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web site at www.ti.com. |