| Moteur de recherche de fiches techniques de composants électroniques |
|
TL080CP Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL080CP Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 13 page ![]() TL080 JFET-INPUT OPERATIONAL AMPLIFIER SLOS368 – JUNE 2001 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew rate at unity gain VI = 10 V, RL = 2 kΩ, CL = 100 pF, See Figure 1 8 13 V/ µs t Rise time overshoot factor VI =20mV RL =2kΩ CL = 100 pF See Figure 1 0.05 µs tr Rise-time overshoot factor VI = 20 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1 20% V Equivalent input noise voltage RS = 100 Ω f = 1 kHz 18 nV/ √Hz Vn Equivalent input noise voltage RS = 100 Ω f = 10 Hz to 10 kHz 4 µV In Equivalent input noise current RS = 100 Ω, f = 1 kHz 0.01 pA/ √Hz THD Total harmonic distortion VO(rms) = 10 V, RS ≤ 1 kΩ, RL ≥ 2 kΩ, f = 1 kHz 0.003% APPLICATION INFORMATION CL = 100 pF Figure 1. Unity-Gain Amplifier VI RL = 2 kΩ CC = 18 pF OUT _ + Figure 2. Gain-of-10 Inverting Amplifier VI 10 k Ω 1 k Ω RL CL = 100 pF OUT Figure 3. Feed-Forward Compensation C2 100 k Ω N1 C1 = 500 pF OUT IN– Figure 4. Input Offset Voltage Null Circuit N1 2 M Ω N2 COMP 1 M Ω VCC+ IN– IN+ OUT CC |