Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VBE55-12NO7 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce VBE55-12NO7
Description  Single Phase Rectifier Bridge With FRED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

VBE55-12NO7 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  VBE55-12NO7 Datasheet HTML 1Page - Inchange Semiconductor Company Limited VBE55-12NO7 Datasheet HTML 2Page - Inchange Semiconductor Company Limited VBE55-12NO7 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISUM6015
eq VBE55-12NO7
Single Phase Rectifier Bridge With FRED
www.iscsemi.com
1
DESCRIPTION
·
Package with DCB ceramic base plate in low profile
·
Isolation voltage 3000 V~
·
Planar passivated chips
·
Low forward voltage drop
·
Leads suitable for PC board soldering
APPLICATIONS
·
Supplies for DC power equipment
·
Input and output rectifiers for high frequency
·
Battery DC power supplies
·
Field supply for DC motors
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VR
Diode reverse voltage,TJ=25℃
1200
V
IdAV
DC current,TC=85℃
59
A
IFpuls
Pulsed diode current, t = 10ms(50Hz),sine
TC= 45℃
200
A
TC= 150℃
170
Pulsed diode current, t = 8.3ms(60Hz),sine
TC= 45℃
220
TC= 150℃
190
I2t
I2t for fusing, t = 10ms(50Hz),sine
TC= 45℃
200
A2S
TC= 150℃
145
I2t for fusing, t = 8.3ms(60Hz),sine
TC= 45℃
205
TC= 150℃
150
VISOL
Insulation test voltage,50/60Hz,RMS t=1Min
3000
V~
TJ
Junction Temperature
-40~150
Tstg
Storage Temperature Range
-40~150
Md
Mounting
1.5-2.0
Nm
Weight
Weight Typ.
19
g


Numéro de pièce similaire - VBE55-12NO7

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
VBE55-12NO7 IXYS-VBE55-12NO7 Datasheet
184Kb / 2P
Single Phase Rectifier Bridge
More results

Description similaire - VBE55-12NO7

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Powersem GmbH
PSB19F06 POWERSEM-PSB19F06 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge (FRED)
PSB19F12 POWERSEM-PSB19F12 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge (FRED)
PSB33F06 POWERSEM-PSB33F06 Datasheet
301Kb / 2P
Single Phase Rectifier Bridge (FRED)
PSB33F12 POWERSEM-PSB33F12 Datasheet
301Kb / 2P
Single Phase Rectifier Bridge(FRED)
PSB71F06 POWERSEM-PSB71F06 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com