Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM072 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce LM072
Description  Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

LM072 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LM072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 9Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 10Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FCC Radiation Exposure Statement (Continued)
Note 4
To ensure compliance with all non-transmitter functions the host manufacturer is responsible for ensuring compliance with the module(s)
installed and fully operational. For example, if a host was previously authorized as an unintentional radiator under the Declaration of
Conformity procedure without a transmitter certified module and a module is added, the host manufacturer is responsible for ensuring
that the after the module is installed and operational the host continues to be compliant with the Part 15B unintentional radiator require-
ments. Since this may depend on the details of how the module
is integrated with the host, LM Technologies Ltd shall provide guidance to the host manufacturer for compliance with the Part 15B
requirements.
Note 5
FCC ID label on the final system must be labeled with “Contains FCC ID: VVXLM072” or “Contains transmitter module FCC ID:
VVXLM072”.
The transmitter module must be installed and used in strict accordance with the manufacturer's instructions as described in
the user documentation that comes with the host product. LM Technologies Ltd is responsible for the compliance of the module in all
final hosts.
Part No.
Product
See Last Page
LM072
LM072 Bluetooth® Module
Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
LM072
Page 9 of 11
+44(0) 207 428 2647 | sales@lm-technologies.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11