Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7513 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 31Page - STMicroelectronics TDA7513 Datasheet HTML 32Page - STMicroelectronics TDA7513 Datasheet HTML 33Page - STMicroelectronics TDA7513 Datasheet HTML 34Page - STMicroelectronics TDA7513 Datasheet HTML 35Page - STMicroelectronics TDA7513 Datasheet HTML 36Page - STMicroelectronics TDA7513 Datasheet HTML 37Page - STMicroelectronics TDA7513 Datasheet HTML 38Page - STMicroelectronics TDA7513 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
35/58
TDA7513
SUBADDRESS 1: PLL Lock detector, FM mode and test
SUBADDRESS 2: PLL Counter 1 (LSB)
SUBADDRESS 3: PLL Counter 2 (MSB)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
CHARGE PUMP
0
VCO adjust lock Disable
1
VCO adjust lock Enable
0
fref BYPASS Disable
1
fref BYPASS Enable
TURNER/PLL AM/FM MODE
0
Select AM mode
1
Select FM mode
LOCK DETECTOR CONTROL
0
0
PD phase difference threshold 10ns
0
1
PD phase difference threshold 20ns
1
0
PD phase difference threshold 30ns
1
1
PD phase difference threshold 40ns
0
0
Not valid
0
1
Activation delay 4x1/fREF
1
0
Activation delay 6x1/fREF
1
1
Activation delay 8x1/fREF
0
Lock detector doesn’t control charge pump
1
Lock detector controls charge pump
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
00000
0
LSB = 0
0
0
00000
1
LSB = 1
0
0
00001
0
LSB = 2
---
--
-
-
-
-
1
1
11110
0
LSB = 252
1
1
11110
1
LSB = 253
1
1
11111
0
LSB = 254
1
1
11111
1
LSB = 255
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
00000
0
MSB = 0
0
0
00000
1
MSB = 256
0
0
00001
0
MSB = 512
---
--
-
-
-
-
1
1
11110
0
MSB = 64768
1
1
11110
1
MSB = 65024
1
1
11111
0
MSB = 65280
1
1
11111
1
MSB = 65536
Note: 1 Swallow mode:fVCO/fSYN = LSB + MSB + 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58