Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B45196H2107K409. Fiches technique(PDF) 4 Page - EPCOS

No de pièce B45196H2107K409.
Description  Tantalum Chip Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B45196H2107K409. Fiches technique(HTML) 4 Page - EPCOS

  B45196H2107K409. Datasheet HTML 1Page - EPCOS B45196H2107K409. Datasheet HTML 2Page - EPCOS B45196H2107K409. Datasheet HTML 3Page - EPCOS B45196H2107K409. Datasheet HTML 4Page - EPCOS B45196H2107K409. Datasheet HTML 5Page - EPCOS B45196H2107K409. Datasheet HTML 6Page - EPCOS B45196H2107K409. Datasheet HTML 7Page - EPCOS B45196H2107K409. Datasheet HTML 8Page - EPCOS B45196H2107K409. Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
39
10/02
Tantalum Chip Capacitors
Standard
Marking
Voltage coding for case size A
Rated voltage 4 6,3 10 16 20 25 35 50
Code letter
G J
A
C
D
E
V
T
Capacitance coding
1st and 2nd digit
Capacitance in pF
3rd digit
Multiplier: 4 = 104 pF
5 = 105 pF
6 = 106 pF
7 = 107 pF
Date coding
Year
Month
M = 2000
1 = January
7 = July
In addition to the year and month of manufac-
ture, the stamp includes another two or three
figures which internally allow us an assign-
ment to production equipment.
N = 2001
2 = February
8 = August
P = 2002
3 = March
9 = September
R = 2003
4 = April
O = October
S = 2004
5 = May
N = November
T = 2005
6 = June
D = December
Case size A
Case size B
Rated voltage
(in coded form)
Positive
Date code
KTA0245-A-E
(in coded form)
Internal code
Capacitance
for production
(2 to 3 figures)
pole (bar)
Manufacturer’s
logo
Positive
pole (bar)
Manufacturer’s
logo
Rated voltage, (not
= 6,3 V
Capacitance
(in coded form)
KTA0244-2-E
VR
is abbreviated as 6.
production equipment
Date code
Internal code for
coded)
V
(2 to 3 figures)
Case sizes C, D
Positive
pole (bar)
KTA0246-I-E
V
Date code
Capacitance
(in coded form)
is abbreviated as 6.
Rated voltage, (not
coded)
= 6,3 V
R
V
(2 to 3 figures)
for production
Internal code
Manufacturer’s
logo
B45196E, B45198E



Html Pages

1 2 3 4 5 6 7 8 9