| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV321IDBVR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321IDBVR Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 32 page ![]() PREVIEW LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS263R − AUGUST 1999 − REVISED APRIL 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ SC-70 (DCK) Reel of 3000 LMV321IDCKR R3_ Single SC-70 (DCK) Reel of 250 LMV321IDCKT R3_ Single SOT23-5 (DBV) Reel of 3000 LMV321IDBVR RC1_ SOT23-5 (DBV) Reel of 250 LMV321IDBVT RC1_ MSOP/VSSOP (DGK) Reel of 2500 LMV358IDGKR R5_ MSOP/VSSOP (DGK) Reel of 250 LMV358IDGKT SOIC (D) Tube of 75 LMV358ID MV358I Dual SOIC (D) Reel of 2500 LMV358IDR MV358I −40 °C to 85°C Dual TSSOP (PW) Tube of 150 LMV358IPW MV358I −40 C to 85 C TSSOP (PW) Reel of 2000 LMV358IPWR MV358I VSSOP (DDU) Reel of 3000 LMV358IDDUR RA56 Tube of 50 LMV324ID LMV324I SOIC (D) Reel of 2500 LMV324IDR LMV324I Quad SOIC (D) Tube of 40 LMV324SID LMV324SI Quad Reel of 2500 LMV324SIDR LMV324SI TSSOP (PW) Reel of 2000 LMV324IPWR MV324I TSSOP (PW) Reel of 2000 LMV324SIPWR MV324SI MSOP/VSSOP (DGK) Reel of 2500 LMV358QDGKR RH_ MSOP/VSSOP (DGK) Reel of 250 LMV358QDGKT RH_ SOIC (D) Tube of 75 LMV358QD MV358Q Dual SOIC (D) Reel of 2500 LMV358QDR MV358Q Dual TSSOP (PW) Tube of 150 LMV358QPW MV358Q −40 °C to 125°C TSSOP (PW) Reel of 2000 LMV358QPWR MV358Q −40 C to 125 C VSSOP (DDU) Reel of 3000 LMV358QDDUR RAH_ SOIC (D) Tube of 50 LMV324QD LMV324Q Quad SOIC (D) Reel of 2500 LMV324QDR LMV324Q Quad TSSOP (PW) Tube of 90 LMV324QPW MV324Q TSSOP (PW) Reel of 2000 LMV324QPWR MV324Q † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DCK/DGK: The actual top-side marking has one additional character that designates the assembly/test site. symbol (each amplifier) IN− IN+ OUT |