| Moteur de recherche de fiches techniques de composants électroniques |
|
ESS9018 Fiches technique(PDF) 9 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ESS9018 Fiches technique(HTML) 9 Page - ESS Technology,Inc |
|
9 / 35 page ![]() Sabre32 Reference Datasheet February 11, 2010 CONFIDENTIAL ADVANCE INFORMATION Rev. 1.2 www.esstech.com 9 Vista™ High Definition Vista™ High Definition FUNCTIONAL DESCRIPTION PCM, SPDIF and DSD Pin Connections The following tables show how the pins are used for PCM and DSD audio formats. PCM Audio Format Note: XI clock (MCLK) must be > 192*FS when using PCM input (normal mode). Note: XI clock (MCLK) must be > 24*FS when using PCM input (OSF bypass mode). Pin Name Description DATA1 Frame clock DATA[2:5] 8-channel PCM serial data DATA_CLK Bit clock for PCM audio format Table 2 SPDIF Audio Formant Note: XI clock (MCLK) must be > 386*FS when using SPDIF input. Pin Name Description DATA[1:8] Up to 8 SPDIF inputs can be connected to an 8-to-1 mux internal to SABRE 32 Reference, selectable via register SPDIF Source Table 3 DSD Audio Format Note: XI clock (MCLK) must be > 3*FS when using DSD input. Pin Name Description DATA[1:8] 8-channel DSD data input DATA_CLK Bit clock for DSD data input Table 4 |