| Moteur de recherche de fiches techniques de composants électroniques |
|
ES9018 Fiches technique(PDF) 14 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9018 Fiches technique(HTML) 14 Page - ESS Technology,Inc |
|
14 / 35 page ![]() Sabre32 Reference Datasheet CONFIDENTIAL ADVANCE INFORMATION Rev. 1.2 February 11, 2010 www.esstech.com 14 Vista™ High Definition Vista™ High Definition SERIAL CONTROL INTERFACE The registers inside the chip are programmed via an I2C interface. The diagram below shows the timing for this interface. The chip address can be set to 2 different settings via the “ADDR” pin. The table below summarizes this. ADDR CHIP ADDRESS 0 0x90 1 0x92 Table 7 Diagram 1 Notes: 1. The “ADDR” pin is used to create the CHIP ADDRESS. (0x90, 0x92) 2. The first byte after the chip address is the “ADDRESS” this is the register address. 3. The second byte after the CHIP ADDRESS is the “DATA” this is the data to be programmed into the register at the previous “ADDRESS”. |