Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD06 Fiches technique(PDF) 5 Page - SG Micro Corp

No de pièce SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SGMICRO [SG Micro Corp]
Site Internet  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Fiches technique(HTML) 5 Page - SG Micro Corp

  SD06 Datasheet HTML 1Page - SG Micro Corp SD06 Datasheet HTML 2Page - SG Micro Corp SD06 Datasheet HTML 3Page - SG Micro Corp SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
960μA, 6MHz, Rail-to-Rail I/O
SD06
CMOS Operational Amplifier
SG Micro Corp
www.sg-micro.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VCM = VS/2, RL= 600Ω, unless otherwise noted.
Small-Signal Overshoot vs. Load Capacitance
Small-Signal Overshoot vs. Load Capacitance
0
10
20
30
40
50
10
100
1000
Load Capacitance (pF)
VS = 2V
RL = 10kΩ
TA = +25℃
G = 1
0
10
20
30
40
50
10
100
1000
Load Capacitance (pF)
VS = 5V
RL = 10kΩ
TA = +25℃
G = 1
Output Impedance vs. Frequency
Output Impedance vs. Frequency
0
20
40
60
80
100
1
10
100
1000
10000
Frequency (kHz)
VS = 2V
G = 10
G = 1
G = 100
0
20
40
60
80
100
1
10
100
1000
10000
Frequency (kHz)
VS = 5V
G = 10
G = 1
G = 100
Large-Signal Step Response
Large-Signal Step Response
Time (400ns/div)
G = 1
CL = 100pF
RL = 10kΩ
VS = 2V
Time (400ns/div)
G = 1
CL = 100pF
RL = 10kΩ
VS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com