| Moteur de recherche de fiches techniques de composants électroniques |
|
B37871 Fiches technique(PDF) 13 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B37871 Fiches technique(HTML) 13 Page - EPCOS |
|
13 / 21 page ![]() Multilayer Ceramic Capacitors 26 10/02 C0G Ordering codes and packing for C0G, 200 VDC, nickel-barrier terminations Case size 0805, 200 VDC Chip thickness Cardboard tape, ∅ 180-mm reel Cardboard tape, ∅ 330-mm reel ** 60 ** 70 CR1) Ordering code2) mm pcs/reel pcs/reel 2,2 pF B37940K2020C2** 0,6 ± 0,1 5 000 20000 3,3 pF B37940K2030C3** 0,6 ± 0,1 5 000 20000 4,7 pF B37940K2040C7** 0,6 ± 0,1 5 000 20000 6,8 pF B37940K2060D8** 0,6 ± 0,1 5 000 20000 10, pF B37940K2100J0** 0,6 ± 0,1 5 000 20000 15, pF B37940K2150J0** 0,6 ± 0,1 5 000 20000 22, pF B37940K2220J0** 0,6 ± 0,1 5 000 20000 33, pF B37940K2330J0** 0,6 ± 0,1 5 000 20000 47, pF B37940K2470J0** 0,6 ± 0,1 5 000 20000 68, pF B37940K2680J0** 0,6 ± 0,1 5 000 20000 100, pF B37940K2101J0** 0,6 ± 0,1 5 000 20000 150, pF B37940K2151J0** 0,8 ± 0,1 4 000 16000 220, pF B37940K2221J0** 0,8 ± 0,1 4 000 16000 330, pF B37940K2331J0** 1,2 ± 0,1 3 0003) 120004) 1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 16. 3) Blister tape, 180-mm reel, ordering code ** 62 4) Blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ C0G; 0805 |