Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C0G Fiches technique(PDF) 4 Page - EPCOS

No de pièce C0G
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

C0G Fiches technique(HTML) 4 Page - EPCOS

  C0G Datasheet HTML 1Page - EPCOS C0G Datasheet HTML 2Page - EPCOS C0G Datasheet HTML 3Page - EPCOS C0G Datasheet HTML 4Page - EPCOS C0G Datasheet HTML 5Page - EPCOS C0G Datasheet HTML 6Page - EPCOS C0G Datasheet HTML 7Page - EPCOS C0G Datasheet HTML 8Page - EPCOS C0G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Multilayer Ceramic Capacitors
17
10/02
C0G
Recommended solder pad
Maximum dimensions (mm)
Termination
Case size
(inch/mm)
Type
A
C
D
0402/1005
single chip
0,6
1,7
0,6
0603/1608
single chip
1,0
3,0
1,0
0805/2012
single chip
1,2
3,4
1,3
1206/3216
single chip
1,2
4,5
1,8
1210/3225
single chip
1,2
4,5
2,8
KKE0308-1
D
External electrode
Intermediate electrode
Substrate electrode
KKE0484-W
Ni
Sn
Ag
Inner electrode
AgPd
Termination
(nickel barrier)
Ceramic body
C0G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21