Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1185 Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce 1185
Description  Single Chip Low Cost Low Power RF-Transmitter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

1185 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button 1185 Datasheet HTML 17Page - Texas Instruments 1185 Datasheet HTML 18Page - Texas Instruments 1185 Datasheet HTML 19Page - Texas Instruments 1185 Datasheet HTML 20Page - Texas Instruments 1185 Datasheet HTML 21Page - Texas Instruments 1185 Datasheet HTML 22Page - Texas Instruments 1185 Datasheet HTML 23Page - Texas Instruments 1185 Datasheet HTML 24Page - Texas Instruments 1185 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
CC1150
Preliminary Data Sheet (rev. 1.0.)
SWRS037
Page 21 of 49
23 Radio Control
TX
19,20
IDLE
1
CALIBRATE
8
MANCAL
3,4,5
SETTLING
9,10
TX_UNDERFLOW
22
FSTXON
18
SFSTXON
FS_AUTOCAL = 00 | 10 | 11
&
STX | SFSTXON
STX
STX
TXFIFO_UNDERFLOW
SFTX
SIDLE
SCAL
CAL_COMPLETE
FS_AUTOCAL = 01
&
STX | SFSTXON
CAL_COMPLETE
CALIBRATE
12
IDLE
1
TXOFF_MODE = 00
&
FS_AUTOCAL = 10 | 11
TXOFF_MODE = 00
&
FS_AUTOCAL = 00 | 01
TXOFF_MODE = 10
FS_WAKEUP
6,7
STX | SFSTXON
SLEEP
0
SPWD
XOFF
2
SXOFF
CSn = 0
CSn = 0
TXOFF_MODE = 01
Figure 10: Complete Radio Control State Diagram
CC1150 has a built-in state machine that is
used to switch between different operation
states (modes). The change of state is done
either by using command strobes or by
internal events such as TX FIFO underflow.
A simplified state diagram, together with
typical usage and current consumption, is
shown in Figure 4 on page 12. The complete
radio control state diagram is shown in Figure
10. The numbers refer to the state number
readable in the MARCSTATE status register.
This functionality is primarily for test purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50