Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC1010-RTY1 Fiches technique(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Fiches technique(HTML) 52 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 48Page - Texas Instruments CC1010-RTY1 Datasheet HTML 49Page - Texas Instruments CC1010-RTY1 Datasheet HTML 50Page - Texas Instruments CC1010-RTY1 Datasheet HTML 51Page - Texas Instruments CC1010-RTY1 Datasheet HTML 52Page - Texas Instruments CC1010-RTY1 Datasheet HTML 53Page - Texas Instruments CC1010-RTY1 Datasheet HTML 54Page - Texas Instruments CC1010-RTY1 Datasheet HTML 55Page - Texas Instruments CC1010-RTY1 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 152 page
background image
CC1010
SWRS047
Page 52 of 152
16.2 Timer 0 / Timer 1
CC1010 contains two standard 8051
timers/counters (Timer 0 and Timer 1)
which can operate as either a timer with a
clock rate based on the system clock (as
defined by the current clock mode), or as
an event counter clocked by the T0 (P3.4
for Timer 0) or T1 (P3.5 for Timer 1)
inputs.
Each Timer / Counter has a 16-bit register
which is readable and writeable through
TL0 and TH0 for Timer / Counter 0 and
TL1 and TH1 for Timer / Counter 1. These
registers are described below.
TL0 (0x8A) - Timer / Counter 0 Low byte counter value
Bit
Name
R/W
Reset value
Description
7:0
TL0(7:0)
R/W
0x00
Timer / Counter 0, low byte counter value
TL1 (0x8B) - Timer / Counter 1 Low byte counter value
Bit
Name
R/W
Reset value
Description
7:0
TL1(7:0)
R/W
0x00
Timer / Counter 1, low byte counter value
TH0 (0x8C) - Timer / Counter 0 High byte counter value
Bit
Name
R/W
Reset value
Description
7:0
TH0(7:0)
R/W
0x00
Timer / Counter 0, high byte counter value
TH1 (0x8D) - Timer / Counter 1 High byte counter value
Bit
Name
R/W
Reset value
Description
7:0
TH1(7:0)
R/W
0x00
Timer / Counter 1, high byte counter value
16.2.1
Timer / Counter 0 and 1 Modes
Timer / Counter 0 and 1 can individually
be programmed to operate in one out of
four different modes, controllable through
the registers TMOD and TCON. They are as
follows:
•
13-bit timer / counter (Mode 0)
•
16-bit timer / counter (Mode 1)
•
8-bit timer / counter with auto-reload
(Mode 2)
•
Two 8-bit timers / counters (Mode 3,
Timer 0 only)
See the register descriptions for TMOD and
TCON on the following pages.