| Moteur de recherche de fiches techniques de composants électroniques |
|
APEC2007 Fiches technique(PDF) 19 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
APEC2007 Fiches technique(HTML) 19 Page - Power Integrations, Inc. |
|
19 / 19 page ![]() APEC 2007 Session T8: Semiconductor Devices Slide# 19 Conclusion • Integrating a high-voltage MOSFET with a simple controller: – Shortens the duration and the cost of the design process – Enables the integration of functionality that is otherwise impossible • ON/OFF control and the state machine give the following benefits: – Consistently high active-mode efficiency over the entire load range – Very low light load and no-load power consumption – Delivers optimized responsiveness without the loop compensation exercise – Eliminates audible sound production at no-load and light loading • Careful Modeling of state machine state-change criteria and limits: – Minimized the number of I LIMIT levels required & kept change criteria simple – Enabled excellent transient load response without unnecessary state changes • Power supply performance results show that the concept is sound – Low cost, good performing power supplies can be quickly designed |