| Moteur de recherche de fiches techniques de composants électroniques |
|
LP720 Fiches technique(PDF) 3 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
LP720 Fiches technique(HTML) 3 Page - Siemens Semiconductor Group |
|
3 / 8 page ![]() 3 Building Technologies Fire Safety & Security Products OP720 Smoke detector Smoke detector consist of: – Detector – Dust cap to cover the detector for protection against dust during construction work Function – works according to the scattered light principle with one sensor, optical forward scattering – Opto-electronic sampling chamber holds off disturbing extraneous light but opti- mally detects smoke particles – selectable detection behavior by different parameter sets Application – for the detection of smoke-generating flaming and smoldering fires HI720 Heat detector (static+RoR) Heat detector consist of: – Detector – Dust cap to cover the detector for protection against dust during construction work Function – equipped with one heat sensor – for high requirements – certain response behavior with slow and fast temperature increases, also by depth temperature – selectable detection behavior by different parameter sets Application – suitable in areas in which occur different environment temperatures – where high dust or dirt developments or large humidity which can the impact of conventional alarm units to impair HI722 Heat detector (static) Heat detector consist of: – Detector – Dust cap to cover the detector for protection against dust during construction work Function – equipped with one heat sensor – measures the ambient temperature, when the maximum temperature is exceeded the detector sends a danger signal to the fire control panel Application – suitable in areas, in which temporary high variations in temperature arise – where high dirt and heat fluctuation which can the impact of conventional alarm units to impair |