Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OZ960 Fiches technique(PDF) 11 Page - O2Micro International Limited.

No de pièce OZ960
Description  Intelligent CCFL Inverter Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  O2MICRO [O2Micro International Limited.]
Site Internet  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

OZ960 Fiches technique(HTML) 11 Page - O2Micro International Limited.

Back Button OZ960 Datasheet HTML 4Page - O2Micro International Limited. OZ960 Datasheet HTML 5Page - O2Micro International Limited. OZ960 Datasheet HTML 6Page - O2Micro International Limited. OZ960 Datasheet HTML 7Page - O2Micro International Limited. OZ960 Datasheet HTML 8Page - O2Micro International Limited. OZ960 Datasheet HTML 9Page - O2Micro International Limited. OZ960 Datasheet HTML 10Page - O2Micro International Limited. OZ960 Datasheet HTML 11Page - O2Micro International Limited. OZ960 Datasheet HTML 12Page - O2Micro International Limited.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
OZ960
OZ960-DS-1.6
Page 11
PACKAGE INFORMATION (DIP 300mil)
SYMBOL
MIN
NOR
MAX
A
-
-
0.210
A1
0.015
-
-
A2
0.125
0.130
0.135
D
0.98
1.030
1.060
E
0.300 BSC
E1
0.245
0.250
0.255
L
0.115
0.130
0.150
eB
0.335
0.355
0.375
θ
0
°
7
°
15
°
NOTES:
1. JEDEC OUTLINE: MS-001 AD
2. “D”, “E” DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.MOLD FLASH OR PROTRUSIONS
SHALL NOT EXCEED .010 INCH
3. eB IS MEASURED AT THE LEAD TIPS WITH THE LEADS UNCONSTRAINED.
4. POINTED OR ROUNDED LEAD TIPS ARE PREFERRED TO EASE INSERTION.
5. DISTANCE BETWEEN LEADS INCLUDING DAM BAR PROTRUSIONS TO BE .005 INCH MINIMUM.
6. DATUM PLANE H COINCIDENT WITH THE BOTTOM OF LEAD, WHERE LEAD EXITS BODY.
0.060typ.
0.018typ.
SEATING
PLANE
H
D
0.100typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12